Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 3 Page - C&K Components

Part # TDP
Description  Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP Datasheet(HTML) 3 Page - C&K Components

  TDP Datasheet HTML 1Page - C&K Components TDP Datasheet HTML 2Page - C&K Components TDP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H
H–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
10
0.030
(0,75)
0.236
(6,0)
0
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
78
0.161
(4,1)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N 1
2
3
4
56
78
PIN #1
NOTE: PART NUMBER SHOWN:TDP08H1SBD1R
QUANTITY: 40 SWITCHES PER TUBE.
EMBOSSED CARRIER
DIRECTION OF FEED
LEAD FREE SPECIFICATIONS ARE BASED ON SPECIFICATIONS FROM:
NOKIA........NET/PO/PP&TN LEAD FREE
ERICSSON.....1058-2357 UEN
MOTOROLA.....12G13933A12
Ø0.059
(1,50Ø)
0.157
(4,00)
0.472
(12,00)
0.079
(2,00)
0.453
(11,5)
DIM. 'W'
SEE CHART
0.012
(0,30)
DIM. “P”
SEE CHART
0.350
(8,9)
0.334
(8,5)
0.197
(5,0)
0.098
(2,5)
0.216
(5,5)
0.118
(3,0)
0.177
(4,5)
19.69
(500,0)
t SOAK
t3
t2
t3
0.191
REF
(4,86)
0.350
(8,9)
SOLDERING TEMP. PROFILE
T1
T2
T3
T PEAK
TIME
TEMPERATURE
PARAMETER
PREHEAT TEMPERATURE
GRADIENT
COOLING TEMPERATURE
PEAK TEMPERATURE
TIME ABOVE 250C
TIME ABOVE 230C
TIME ABOVE 217C
TIME ABOVE 183C
TIME ABOVE 100C
SOAK TIME
GRADIENT
T PEAK
t3/T3
t2/T2
t1/T1
t SOAK
+1 -4 C/sec
-6C/sec. MAXIMUM
255 -0/+5C
10 SEC. MAXIMUM
20-60 SEC.
90 SEC. MAXIMUM
120-180 SEC.
420 SEC. MAXIMUM
2-3 MIN.
REFERENCE
LEAD FREE
SPECIFICATION
TUBE PACKAGING
MARKING LABEL
FEED DIRECTION
0.069
(1,75)
A
SECTION A-A
SECTION B-B
A
B
B
19.690±.039
(500,0±1,0)
0.134
(3,4)
0.440
(11,2)
0.201
(5,1)
0.248
(6,3)
0.055
(1,4)
0.020
(0,5)
0.039
(1,0)
R 0.043
(R 1,1)
R 0.020
(R 0,5)
0.130
(3,3)
0.130
(3,3)
Tape and Reel Packaging
Note: Switch shown has H1 extended actuator.
Extended Actuator-No Top Tape,
Surface Mount Terminals
Tube Packaging
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H1SBD1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H1SBD1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H1SBD1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H1SBD1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H1SBD1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST
QTY
MODEL NUMBER
IN TUBE
TDP02
125
TDP04
70
TDP06
50
TDP08
40
TDP10
30
DIM
DIM.
DIM
PART NUMBER
‘W’
“P”
PER REEL
TDP02
0.630 (16,0)
0.175 (4,45)
1,000
TDP04
0.630 (16,0)
0.276 (7,0)
1,000
TDP06
0.630 (16,0)
0.376 (9,55)
1,000
TDP08
0.945 (24,0)
0.476 (12,1)
1,000
TDP10
0.945 (24,0)
0.576 (14,65)
1,000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com