Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C7828 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C7828
Description  4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C7828 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C7828 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
Pasternack does not make
2
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.5:1
Velocity of Propagation
82
%
RF Shielding
120
dB
Passive Intermodulation
-150
dBc
Capacitance
24.4 [80.05]
pF/ft [pF/m]
Inductance
0.059 [0.19]
uH/ft [uH/m]
DC Resistance Inner Conductor
3.2 [10.5]
Ω/1000ft [Ω/Km]
DC Resistance Outer Conductor
2.53 [8.3]
Ω/1000ft [Ω/Km]
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Typ.)
0.23
0.25
0.27
0.31
0.41
dB
.
Electrical Specification Notes:
The Insertion Loss data above is based on the performance specifications of the coax and connectors used in this
assembly. The Insertion Loss includes an estimated insertion loss of 0.2dB of connector loss.
Mechanical Specifications
Cable Assembly
Length*
24 in [609.6 mm]
Diameter
0.94 in [23.88 mm]
.
Cable
Cable Type
1/4” Superflexible
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Aluminum
Dielectric Type
PE (F)
Number of Shields
1
Shield Layer 1
Helically Corrugated Copper Tube
Jacket Material
PE, Black
Jacket Diameter
0.303 in [7.7 mm]
.
PE3C7828-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
PE3C7828-24
RF Cable Assemblies Technical Data Sheet
PE3C7828-24
4.3-10 Male to 4.3-10 Female Cable 24 Inch
Length Using 1/4 inch Superflexible Coax



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com