Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C7828 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C7828
Description  4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C7828 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C7828 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C7828 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-
Pasternack does not make
1
Configuration
• Connector 1: 4.3-10 Male
• Connector 2: 4.3-10 Female
• Cable Type: 1/4” Superflexible
Features
• Max Frequency 6 GHz
• Low PIM: -150 dBc Max
• Shielding Effectivity > 120 dB
• 82% Phase Velocity
• PE Jacket
• Low PIM and Low Loss
• 100% Tested with PIM Test Results Marked on Cable
Applications
• General Purpose
• Laboratory Use
• Distributed Antenna Systems
(DAS)
• Low PIM Applications and PIM
Testing
.
Description
Pasternack’s PE3C7828-24 4.3-10 male to 4.3-10 female 24 inch cable using 1/4 inch superflexible coax is part of our full line
of RF components available for same-day shipping. Pasternack’s corrugated RF cable assemblies are ideal for applications
where durability and high power are needed. This Pasternack 4.3-10 to 4.3-10 cable assembly has a male to female gender
configuration with 50 ohm corrugated 1/4” superflexible coax. The PE3C7828-24 4.3-10 male to 4.3-10 female cable assembly
operates to 6 GHz.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
PE3C7828-24
PE3C7828-24 REV 1.0
4.3-10 Male to 4.3-10 Female Cable 24 Inch
Length Using 1/4 inch Superflexible Coax
RF Cable Assemblies Technical Data Sheet
PE3C7828-24


Similar Part No. - PE3C7828

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C7826 PASTERNACK-PE3C7826 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-100CM PASTERNACK-PE3C7826-100CM Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-12 PASTERNACK-PE3C7826-12 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-24 PASTERNACK-PE3C7826-24 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
More results

Similar Description - PE3C7828

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ14SP-64H64H-X-00 ROSENBERGER-SLJ14SP-64H64H-X-00 Datasheet
80Kb / 2P
1/4??JUMPER 4.3-10 MALE / 4.3-10 MALE
logo
Pasternack Enterprises,...
PE3C0124-36 PASTERNACK-PE3C0124-36 Datasheet
438Kb / 4P
N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PE3C0125-48 PASTERNACK-PE3C0125-48 Datasheet
194Kb / 3P
N Male to N Female Cable 48 Inch Length Using 1/4 inch Superflexible Coax
PE3C0126-12 PASTERNACK-PE3C0126-12 Datasheet
193Kb / 3P
N Female to N Female Cable 12 Inch Length Using 1/4 inch Superflexible Coax
PE3C0126-24 PASTERNACK-PE3C0126-24 Datasheet
193Kb / 3P
N Female to N Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
PE3C0126-36 PASTERNACK-PE3C0126-36 Datasheet
194Kb / 3P
N Female to N Female Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PE3C0126-48 PASTERNACK-PE3C0126-48 Datasheet
194Kb / 3P
N Female to N Female Cable 48 Inch Length Using 1/4 inch Superflexible Coax
PE3C7826-24 PASTERNACK-PE3C7826-24 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7830-50CM PASTERNACK-PE3C7830-50CM Datasheet
635Kb / 5P
4.3-10 Male to 4.3-10 Female 4 Hole Flange Cable 50 Cm Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7834-24 PASTERNACK-PE3C7834-24 Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com