Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91513 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91513
Description  1.85mm Female to 2.92mm Female Miter Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91513 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91513 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91513 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91513 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
Pasternack does not make
2
.
Description
Connector 1
Connector 2
Type
1.85mm Female
2.92mm Female
Polarity
Standard
Standard
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
1.85mm Female
2.92mm Female
Contact
Beryllium Copper
Gold over Nickel
Beryllium Copper
Gold over Nickel
4µ in. minimum
4µ in. minimum
Insulation
Oxide-Noryl
Oxide-Noryl
Outer Conductor Passivated Stainless Steel
Passivated Stainless Steel
Body
Passivated Stainless Steel
Passivated Stainless Steel
. .
Compliance Certifications (see product page for current document)
1.85mm Female to 2.92mm Female Miter Right Angle Adapter from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female to 2.92mm Female Miter Right Angle Adapter PE91513
URL:
https://www.pasternack.com/1.85mm-female-2.92mm-female-miter-right-angle-adapter-pe91513-p.aspx
PE91513 REV 1.0
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
RF Adapters Technical Data Sheet
PE91513



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com