Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91513 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91513
Description  1.85mm Female to 2.92mm Female Miter Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91513 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91513 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91513 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91513 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
Pasternack does not make
1
Configuration
• 1.85mm Female Connector 1
• 2.92mm Female Connector 2
• 50 Ohm
• Miter Right Angle Body Geometry
Features
• Max VSWR of 1.25:1 up to 40 GHz
• 4µ in. minimum contact plating
• Gold over Nickel Plated Beryllium Copper Contact
Applications
• Allows Connection Between Series
• General Purpose Test
.
Description
Pasternack’s PE91513 1.85mm female to 2.92mm female miter right angle adapter is part of our full line of RF components
available for same-day shipping. The 1.85mm connector mates mechanically with commercially available 2.4mm connectors.
The 2.92mm connector mates mechanically with commercially available SMA and 3.5mm connectors. Our 1.85mm to 2.92mm
adapter has a female to female gender configuration built of durable stainless steel. PE91513 1.85mm female to 2.92mm
female adapter operates to 40 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum. This miter right
angle 1.85mm to 2.92mm adapter allows for easier connections in tight spaces.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.25:1
. .
Mechanical Specifications
Size
Length
0.62 in [15.75 mm]
Width
0.236 in [5.99 mm]
Height
0.653 in [16.59 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female to 2.92mm Female Miter Right Angle Adapter PE91513
PE91513 REV 1.0
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
PE91513
RF Adapters Technical Data Sheet


Similar Part No. - PE91513

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91518 PASTERNACK-PE91518 Datasheet
499Kb / 3P
1.85mm Male to 2.4mm Male Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results

Similar Description - PE91513

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
Precision 2.92mm Male to 1.85mm Female Adapter
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
logo
Amphenol Corporation
SF1133-6019 AMPHENOL-SF1133-6019 Datasheet
101Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm MALE
SF1133-6020 AMPHENOL-SF1133-6020 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
SF1133-6021 AMPHENOL-SF1133-6021 Datasheet
85Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm FEMALE
SF1133-6022 AMPHENOL-SF1133-6022 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
logo
Pasternack Enterprises,...
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com