Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP600-RIG Datasheet(PDF) 4 Page - QT-Brightek Corp.

Part # QBLP600-RIG
Description  QT-Brightek Chip LED Series SMD 0606 RGB LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP600-RIG Datasheet(HTML) 4 Page - QT-Brightek Corp.

  QBLP600-RIG Datasheet HTML 1Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 2Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 3Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 4Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 5Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 6Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 7Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 8Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 9Page - QT-Brightek Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QBLP600-RIG
0606 Bi-Color LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP600-RIG
Date: May 02, 2016
Page 4 of 10
Version# 2.0
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
IV (mcd)
Typ.
Max
Min
Typ.
Max
Min
Typ.
QBLP600-RIG
Red
20
2.0
2.5
630
640
650
40
75
True Green
20
3.4
3.7
515
520
525
200
380
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AlInGaP (R)
75
30
125
5
-40 ~ + 80
-40 ~ +85
260
InGaN (IG)
111
30
125
5
-40 ~ + 80
-40 ~ +85
260
*Duty 1/8 @ 1KHz
**IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF for AlInGaP @ IF=20mA
Bin
Min.
Max.
Unit
1.7
2.5
V
Forward Voltage VF for InGaN @ IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com