Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP600-RIG Datasheet(PDF) 5 Page - QT-Brightek Corp.

Part # QBLP600-RIG
Description  QT-Brightek Chip LED Series SMD 0606 RGB LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP600-RIG Datasheet(HTML) 5 Page - QT-Brightek Corp.

  QBLP600-RIG Datasheet HTML 1Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 2Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 3Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 4Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 5Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 6Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 7Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 8Page - QT-Brightek Corp. QBLP600-RIG Datasheet HTML 9Page - QT-Brightek Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
QBLP600-RIG
0606 Bi-Color LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP600-RIG
Date: May 02, 2016
Page 5 of 10
Version# 2.0
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
F
40
50
mcd
G
50
63
H
63
80
I
80
100
J
100
125
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400
P
400
500
Q
500
630
Dominant Wavelength λ
D for Red @ IF=20mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650
Dominant Wavelength λ
D for Green @ IF=20mA
Bin
Min.
Max.
Unit
S
515
517.5
nm
T
517.5
520
U
520
522.5
V
522.5
525



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com