Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-131MT...C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-131MT...C
Description  Three Phase Bridge, 130 A (Power Modules)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-131MT...C Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-131MT...C_V01 Datasheet HTML 1Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 2Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 3Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 4Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 5Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-131MT...C Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Feb-2022
1
Document Number: 96989
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Three Phase Bridge, 130 A
(Power Modules)
FEATURES
• Blocking voltage up to 1800 V
• High surge capability
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio
• 3600 VRMS isolating voltage
• UL approved file E78996
• Designed for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and heavy duty
applications.
Note
(1) Maximum output current must be limited to 220 A to do not exceed the maximum temperature of terminals
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IO
130 A at 120 °C
VRRM
1600 V to 1800 V
Package
MTC
Circuit configuration
Three phase bridge
MTC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO (1)
218
A
TC
85
°C
IFSM
50 Hz
1270
A
60 Hz
1330
I2t
50 Hz
8095
A2s
60 Hz
7390
I2
√t
80 955
A2
√s
VRRM
Range
1600 to 1800
V
TStg
Range
-40 to +125
°C
TJ
Range
-40 to +150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = MAXIMUM
mA
VS-131MT...C
160
1600
1700
12
180
1800
1900


Similar Part No. - VS-131MT...C_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-131MT...C VISHAY-VS-131MT...C Datasheet
184Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
More results

Similar Description - VS-131MT...C_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
130MT80KPBF VISHAY-130MT80KPBF Datasheet
133Kb / 6P
Three Phase Bridge, 130/160 A (Power Modules)
29-Apr-08
130-160MTKPBF VISHAY-130-160MTKPBF Datasheet
164Kb / 8P
Three Phase Bridge, 130/160 A
29-Apr-08
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF Datasheet
223Kb / 8P
Three Phase Bridge, 130 A to 160 A(Power Modules)
10-Jun-14
VS-130MTC VISHAY-VS-130MTC Datasheet
154Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-131MT...C VISHAY-VS-131MT...C Datasheet
184Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF_V01 Datasheet
176Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com