Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-131MT...C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-131MT...C
Description  Three Phase Bridge, 130 A (Power Modules)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-131MT...C Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-131MT...C_V01 Datasheet HTML 1Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 2Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 3Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 4Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 5Page - Vishay Siliconix VS-131MT...C_V01 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-131MT...C Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Feb-2022
3
Document Number: 96989
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
50
60
70
80
90
100
110
120
130
140
150
0
30
60
90 120 150 180 210 240 270 300
Total Output Current (A)
120°
(Rect.)
1
10
100
1000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Instantaneous Forward Voltage (V)
T
J = 25 °C
T
J = 150 °C
Per Junc on
0
50
100
150
200
250
300
350
400
450
500
0
20406080
100
120
140
160
Total Output Current (A)
120°
(Rect.)
T
J = 150 °C
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
RthSA = 0.1 °C/W
0.2 °C/W
0.25 °C/W
0.3 °C/W
0.4 °C/W
0.5 °C/W
0.7 °C/W
0.9 °C/W
1.1 °C/W
2.0 °C/W
0.15 °C/W
300
400
500
600
700
800
900
1000
1100
1200
110
100
Number of Equal Amplitude
Half Cycle Current Pulses (N)
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Per junction
At rated load condition and with
V
RRM applied following surge.
Initial T
J = 150 °C
300
400
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
Pulse Train Duration (s)
Maximum non -repetitive surge
current vs. pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
Per junction



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com