Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC25..A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-GBPC25..A
Description  Single Phase Bridge Rectifier, 25 A, 35 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GBPC25..A Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-GBPC25..A Datasheet HTML 1Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 2Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 3Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 4Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 5Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 6Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-GBPC.. Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Oct-2018
5
Document Number: 93575
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95331
2
-
Circuit configuration:
1
-
Vishay Semiconductors product
3
-
Current rating code
4
-
Voltage code x 100 = VRRM
5
-
Diode bridge rectifier:
Single phase bridge coding
25 = 25 A (average)
35 = 35 A (average)
A = standard fast-on terminal
W = wire lead
Device code
1
3
2
4
5
GBPC 35
VS-
12
A
AC1
AC2
D1
D2
D3
D4
(+)
(-)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com