Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC25..A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-GBPC25..A
Description  Single Phase Bridge Rectifier, 25 A, 35 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GBPC25..A Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-GBPC25..A Datasheet HTML 1Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 2Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 3Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 4Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 5Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 6Page - Vishay Siliconix VS-GBPC25..A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-GBPC.. Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Oct-2018
3
Document Number: 93575
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
50
75
100
3 K/W
1 K/W
R
= 0.7
K/
W -
Delta
R
thS
A
2 K/W
0
10
20
30
40
50
0
5
10
15
20
25
180°
(Sine)
180°
(Rect)
GBPC25.. Series
T = 150 °C
J
Number of Equal Amplitude
Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
1
10
100
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with rated
V
RRM applied following surge
GBPC25.. Series
Pulse Train Duration (s)
50
100
150
200
250
300
350
400
0.01
0.1
1
Maximum non repetitive surge current
Initial T
J = 150 °C
No voltage reapplied
Rated V
reapplied
versus pulse train duration.
RRM
GBPC25.. Series
Average Forward Current (A)
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
180 °
(Sine)
180 °
(Rect)
GBPC35.. Series
Instantaneous Forward Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
T
J = 25 °C
GBPC35.. Series
T
J = 150 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com