Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC35..W Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-GBPC35..W
Description  Single Phase Bridge Rectifier, 25 A, 35 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GBPC35..W Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-GBPC35..W Datasheet HTML 1Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 2Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 3Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 4Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 5Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 6Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-GBPC.. Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Oct-2018
4
Document Number: 93575
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Thermal Impedance ZthJC Characteristic
Fig. 12 - Thermal Impedance ZthJC Characteristic
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
50
75
100
1 K
/W
0.7
K/W
3 K/W
2 K/W
R
thS
A
=
0.5
K/W
- Delta
R
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
180°
(Sine)
180°
(Rect)
GBPC35.. Series
T
J = 150 °C
Number of Equal Amplitude
Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
450
1
10
100
GBPC35.. Series
At any rated load condition and with
rated V
rrm applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum non repetitive surge current
GBPC35.. Series
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
rated V
rrm reapplied
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
GBPC25.. Series
Steady state value
R
= 1.7 K/W
(DC operation)
thJC
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
GBPC35.. Series
Steady state value
R
= 1.4 K/W
(DC Operation)
thJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com