Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC35..W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-GBPC35..W
Description  Single Phase Bridge Rectifier, 25 A, 35 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GBPC35..W Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-GBPC35..W Datasheet HTML 1Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 2Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 3Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 4Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 5Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 6Page - Vishay Siliconix VS-GBPC35..W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-GBPC.. Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Oct-2018
2
Document Number: 93575
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
FORWARD CONDUCTION CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
GBPC25
VALUES
GBPC35
UNITS
Maximum DC output current
at case temperature
IO
Resistive or inductive load
25
35
A
Capacitive load
20
28
60
55
°C
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Initial TJ = TJ maximum
400
475
A
t = 8.3 ms
420
500
t = 10 ms
100 % VRRM
reapplied
335
400
t = 8.3 ms
350
420
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
790
1130
A2s
t = 8.3 ms
725
1030
t = 10 ms
100 % VRRM
reapplied
560
800
t = 8.3 ms
512
730
Maximum I2
t for fusing
I2
tI2t for time t
x = I
2
t x t
x; 0.1  tx  10 ms, VRRM = 0 V
7.9
11.3
kA2
s
Low level of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
0.76
0.77
V
High level of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ maximum
0.89
0.92
Low level forward slope resistance
rt1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
8.2
4.852
m
High level forward slope resistance
rt2
(I >
 x I
F(AV)), TJ maximum
6.8
3.867
Maximum forward voltage drop
VFM
TJ = 25 °C, IFM = IFavg (arm)
1.1
1.1
V
Maximum DC reverse current
IRRM
TJ = 25 °C, per diode at VRRM
5.0
μA
RMS isolation voltage base plate
VINS
f = 50 Hz, t = 1 s
2700
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
GBPC25
VALUES
GBPC35
UNITS
Junction and storage temperature range
TJ, TStg
-55 to +150
°C
Maximum thermal resistance,
junction to case per bridge
RthJC
DC operation
1.7
1.4
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.2
Approximate weight
16
g
Mounting torque ± 10 %
Bridge to heatsink
2.0
N · m
(lbf · in)
Average Forward Current (A)
50
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
180 °
(Sine)
180 °
(Rect)
GBPC25.. Series
Instantaneous Forward Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
T
J = 25 °C
T
J = 150 °C
GBPC25.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com