Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA663201 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 17Page - Microchip Technology ATA663201 Datasheet HTML 18Page - Microchip Technology ATA663201 Datasheet HTML 19Page - Microchip Technology ATA663201 Datasheet HTML 20Page - Microchip Technology ATA663201 Datasheet HTML 21Page - Microchip Technology ATA663201 Datasheet HTML 22Page - Microchip Technology ATA663201 Datasheet HTML 23Page - Microchip Technology ATA663201 Datasheet HTML 24Page - Microchip Technology ATA663201 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 21
ATA663201/03/31/54
12.2
Time Delay for
Mode Change
from Fail-Safe into
Normal Mode via
EN Pin
tnorm
515
20
µs VEN = 5V/3.3V
12.3
Time Delay for
Mode Change
from Normal Mode
to Sleep Mode via
EN Pin
tsleep
515
20
µs VEN =0V
12.5
TXD Dominant
Time-Out Time
tdom
20
40
60
ms VTXD =0V
12.6
Time Delay for
Mode Change
from Silent Mode
into Normal Mode
via EN Pin
ts_n
515
40
µs VEN = 5V/3.3V
12.7
Duty Cycle 1
D1
0.396
—
—
—
THRec(max) =
0.744 x VVS
THDom(max) =
0.581 x VVS
VVS = 7.0V to 18V
tBit =50µs
D1 = tbus_rec(min)/
(2 x tBit)
12.8
Duty Cycle 2
D2
—
—
0.581
—
THRec(min) =
0.422 x VVS
THDom(min) =
0.284 x VVS
VVS = 7.6V to 18V
tBit =50µs
D2 = tbus_rec(max)/
(2 x tBit)
12.9
Duty Cycle 3
D3
0.417
—
—
—
THRec(max) =
0.778 x VVS
THDom(max) =
0.616 x VVS
VVS = 7.0V to 18V
tBit =96µs
D3 = tbus_rec(min)/
(2 x tBit)
12.10 Duty Cycle 4
D4
—
—
0.590
—
THRec(min) =
0.389 x VVS
THDom(min) =
0.251 x VVS
VVS = 7.6V to 18V
tBit =96µs
D4 = tbus_rec(max)/
(2 x tBit)
12.11 Slope Time Fall-
ing and Rising
Edge at LIN
tSLOPE_fall
tSLOPE_rise
3.5
—
22.5
µs VVS = 7.0V to 18V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, all values are specified for 5V < VVS <28V,
-40°C < TvJ < +150°C and refer to the GND pin.
No.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com