Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA663201 Datasheet(PDF) 13 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 9Page - Microchip Technology ATA663201 Datasheet HTML 10Page - Microchip Technology ATA663201 Datasheet HTML 11Page - Microchip Technology ATA663201 Datasheet HTML 12Page - Microchip Technology ATA663201 Datasheet HTML 13Page - Microchip Technology ATA663201 Datasheet HTML 14Page - Microchip Technology ATA663201 Datasheet HTML 15Page - Microchip Technology ATA663201 Datasheet HTML 16Page - Microchip Technology ATA663201 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 13
ATA663201/03/31/54
1.6.4
INPUT/OUTPUT (TXD) (SBC ONLY)
In Normal mode, the TXD pin is the microcontroller
interface for controlling the state of the LIN output. TXD
must be pulled to ground in order to drive the LIN bus
low. If TXD is high or unconnected (internal pull-up
resistor), the LIN output transistor is turned off and the
bus is in the recessive state. If the TXD pin stays at
GND level while switching into Normal mode, it must be
pulled to high level longer than 10 µs before the LIN
driver can be activated. This feature prevents the bus
line from being accidentally driven to dominant state
after the Normal mode has been activated (also in case
of a short circuit at TXD to GND). During Fail-Safe
mode, this pin is used as output and signals the fail-
safe source.
The TXD input has an internal pull-up resistor.
An internal timer prevents the bus line from being
driven permanently in the dominant state. If TXD is
forced to low longer than tdom > 20 ms, the LIN bus
driver is switched to the recessive state. Nevertheless,
when switching to Sleep mode, the actual level at the
TXD pin is relevant.
To reactivate the LIN bus driver, switch TXD to high
(> 10 µs).
1.6.5
GROUND PIN (GND)
The IC does not affect the LIN bus in the event of GND
disconnection. It is able to handle a ground shift of up
to 11.5% of VVS.
1.6.6
BUS PIN (LIN) (SBC ONLY)
A low-side driver with internal current limitation and
thermal shutdown as well as an internal pull-up resistor
according to LIN specification 2.x is implemented. The
voltage range is from -27V to +40V. This pin exhibits no
reverse current from the LIN bus to VS, even in the
event of a GND shift or VBat disconnection. The LIN
receiver thresholds comply with the LIN protocol
specification.
The fall time (from recessive to dominant) and the rise
time (from dominant to recessive) are slope-controlled.
During a short circuit at LIN to VBat, the output limits the
output current to IBUS_LIM. Due to the power
dissipation, the chip temperature exceeds TLINoff and
the LIN output is switched off. The chip cools down and
after a hysteresis of Thys, switches the output on again.
RXD stays on high because LIN is high. The VCC
regulator
works
independently
during
LIN
overtemperature switch-off.
During a short circuit from LIN to GND, the IC can be
switched into Sleep or Silent mode and even in this
case the current consumption is lower than 100 µA in
Sleep mode and lower than 120 µA in Silent mode. If
the short-circuit disappears, the IC starts with a remote
wake-up.
The reverse current is <2 µA at pin LIN during loss of
VBat. This is optimal behavior for bus systems where
some LIN nodes are supplied from battery or ignition.
1.6.7
SUPPLY PIN (VS)
LIN operating voltage is VVS = 5V to 28V. Undervoltage
detection is implemented to disable transmission if VVS
falls below typical 4.5V, thereby avoiding false bus
messages. After switching on VVS, the IC starts in Fail-
Safe mode and the voltage regulator is switched on.
The supply current in Sleep mode is typically 9 µA and
47 µA in Silent mode.
1.6.8
VOLTAGE REGULATOR OUTPUT
PIN (VCC)
The internal 3.3V/5V voltage regulator is capable of
driving
loads
up
to
85 mA,
supplying
the
microcontroller and other ICs on the PCB and is
protected against overload by means of current
limitation
and
overtemperature
shutdown.
Furthermore, the output voltage is monitored and
causes a reset signal at the NRES output pin if it drops
below a defined threshold VVCC_th_uv_down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com