Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V89-E/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6V89-E/ST
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V89-E/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6V89-E/ST Datasheet HTML 19Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 20Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 21Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 22Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 23Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 24Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 25Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 26Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 23
MCP6V86/6U/7/9
4.3.7
GAIN PEAKING
Figure 4-10 shows an op amp circuit that represents
noninverting amplifiers (VM is a DC voltage and VP is
the input) or inverting amplifiers (VP is a DC voltage
and VM is the input). The CN and CG capacitances rep-
resent the total capacitance at the input pins; they
include the op amp’s Common-mode input capacitance
(CCM), board parasitic capacitance and any capacitor
placed in parallel. The CFP capacitance represents the
parasitic capacitance coupling the output and
noninverting input pins.
FIGURE 4-10:
Amplifier with Parasitic
Capacitance.
CG acts in parallel with RG (except for a gain of +1 V/V),
which causes an increase in gain at high frequencies.
CG also reduces the phase margin of the feedback
loop, which becomes less stable. This effect can be
reduced by reducing either CG or RF||RG.
CN and RN form a low-pass filter that affects the signal
at VP. This filter has a single real pole at 1/(2πRNCN).
The largest value of RF that should be used depends
on noise gain (see GN in Section 4.3.5 “Capacitive
Loads”), CG and the open-loop gain’s phase shift. An
approximate limit for RF is:
EQUATION 4-2:
Some applications may modify these values to reduce
either output loading or gain peaking (step response
overshoot).
At high gains, RN needs to be small in order to prevent
positive feedback and oscillations. Large CN values
can also help.
4.3.8
REDUCING UNDESIRED NOISE
AND SIGNALS
Reduce undesired noise and signals with:
• Low Bandwidth Signal Filters:
- Minimize random analog noise
- Reduce interfering signals
• Good PCB Layout Techniques:
- Minimize crosstalk
- Minimize parasitic capacitances and
inductances that interact with fast switching edges
• Good Power Supply Design:
- Isolation from other parts
- Filtering of interference on supply line(s)
4.3.9
SUPPLY BYPASSING AND
FILTERING
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
of the pin for good high-frequency performance.
These parts also need a bulk capacitor (i.e., 1 µF or
larger) within 100 mm to provide large, slow currents.
This bulk capacitor can be shared with other low noise
analog parts.
In some cases, high-frequency power supply noise
(e.g., Switched Mode Power Supplies) may cause
undue intermodulation distortion with a DC offset shift;
this noise needs to be filtered. Adding a small resistor
into the supply connection can be helpful.
4.3.10
PCB DESIGN FOR DC PRECISION
In order to achieve DC precision on the order of ±1 µV,
many physical errors need to be minimized. The design
of the PCB, the wiring and the thermal environment
have a strong impact on the precision achieved. A poor
PCB design can easily be more than 100 times worse
than the MCP6V86/6U/7/9 op amps’ minimum and
maximum specifications.
4.3.10.1
PCB Layout
Any time two dissimilar metals are joined together, a
temperature-dependent voltage appears across the
junction (the Seebeck or thermojunction effect). This
effect is used in thermocouples to measure tempera-
ture. The following are examples of thermojunctions on
a PCB:
• Components (resistors, op amps) soldered to a
copper pad
• Wires mechanically attached to the PCB
• Jumpers
• Solder joints
•PCB vias
RG
RF
VOUT
U1
MCP6V8X
CG
RN
CN
VM
VP
CFP
+
–
RF 10 k
3.5 pF
CG
--------------- GN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com