Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V89-E/ST Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP6V89-E/ST
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V89-E/ST Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP6V89-E/ST Datasheet HTML 40Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 41Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 42Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 43Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 44Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 45Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 46Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 47Page - Microchip Technology MCP6V89-E/ST Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 44
 2020 Microchip Technology Inc.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
H
DETAIL B
c
1
L
(L1)
( 3)
( 2)
R1
R2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.65 BSC
1.00
0.45
0.19
–
0.05
–
0.60
–
–
MILLIMETERS
MIN
NOM
14
0.75
0.30
1.20
0.15
MAX
L1
1.00 REF
Footprint
Overall Length
D
5.00
Terminal Thickness
c
0.09–0.20
R1
R2
1
–
0.09
–
Lead Bend Radius
–
0.09
–
Lead Bend Radius
–
0°
8°
Foot Angle
2
12° REF
Mold Draft Angle
0.80
1.05
3
12° REF
Mold Draft Angle
6.40 BSC
4.40
–
–
–
–
4.30
4.50
4.90
5.10
14 Lead Thin Shrink Small Outline Package [ST] 4.4 mm Body [TSSOP]
Microchip Technology Drawing C04-087 Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com