Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOSNF02 Datasheet(PDF) 1 Page - Belden Inc.

Part # GOSNF02
Description  Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GOSNF02 Datasheet(HTML) 1 Page - Belden Inc.

  GOSNF02 Datasheet HTML 1Page - Belden Inc. GOSNF02 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GOSNF02
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) + PE with 1 Tube of
Ø3.3mm 2f SM OS2 G.657.A2.
Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (standard rodent protection) as strength member and polyethylene outer
jacket. Product feature: This cable has standard rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with 2 fibers SM OS2
G.657.A2.
Technical Specifications
Product Overview
Construction Type:
Central Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
For outdoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor use in networks
for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and trenches and/or tubes. Suitable for Direct Burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
Subunit Color
OS2
G.657A2
2
TIA coding (Gxxxxxx.T): Natural
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
28 kg/km
SubUnit Specifications
Number of Active
Subunits:
1
Number of Subunit
Positions:
1
Fibers Per Subunit:
2
Subunit Diameter:
3.3 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
5.8 mm
No
Table Notes:
Standard color: Black. Available colors: Black, Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Lime Green
Optical Characteristics
Max. Attenuation at 1310
nm:
0.40 dB/km


Similar Part No. - GOSNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOSNF04 BELDEN-GOSNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF06 BELDEN-GOSNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF08 BELDEN-GOSNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
More results

Similar Description - GOSNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNF02 BELDEN-GOCNF02 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GODNF02 BELDEN-GODNF02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GORNF02 BELDEN-GORNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF04 BELDEN-GOSNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF06 BELDEN-GOSNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF08 BELDEN-GOSNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF12 BELDEN-GOSNF12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF24 BELDEN-GOSNF24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 24f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNI02 BELDEN-GOSNI02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.B3.
2023 Belden, Inc
GOVNF02 BELDEN-GOVNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com