Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT31 Datasheet(PDF) 10 Page - CUI Devices

Part # AMT31
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT31 Datasheet(HTML) 10 Page - CUI Devices

Back Button AMT31 Datasheet HTML 3Page - CUI Devices AMT31 Datasheet HTML 4Page - CUI Devices AMT31 Datasheet HTML 5Page - CUI Devices AMT31 Datasheet HTML 6Page - CUI Devices AMT31 Datasheet HTML 7Page - CUI Devices AMT31 Datasheet HTML 8Page - CUI Devices AMT31 Datasheet HTML 9Page - CUI Devices AMT31 Datasheet HTML 10Page - CUI Devices AMT31 Datasheet HTML 11Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CUI DEVICES | SERIES: AMT31 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 08/05/2022 | page 10 of 11
cuidevices.com
APPLICATION NOTES (CONTINUED)
The AMT31 series encoder requires minimal setup time for brushless DC (BLDC) motor applications. Installation can be completed with either a PC
with the AMT Viewpoint™ application installed, an AMT-OTZ-1 zero alignment module, or any 5V serial interface. The following steps explain the proper
commutation alignment procedure for the AMT31 encoder.
1.
Ensure AMT31 encoder is set for correct pole count. To verify or change settings use the AMT Viewpoint™ software.
2.
Mount encoder following AMT Assembly procedure.
3.
Use the motor manufacturer’s documentation to determine the correct motor phase to energize for alignment. Energized phase will coincide with
the rising edge of the AMT31 encoders ‘U’ signal. This typically means energizing phase 1 by applying positive voltage to the wire labeled ‘phase 1’,
and grounding the wire labeled ‘phase 2’. The third wire always remains unconnected.
4.
Using a power supply, energize the two wires found previously. This will lock the rotor into a fixed position.
5.
Connect AMT31 encoder to an AMT-OTZ-1 zero alignment module, the AMT Viewpoint™ application, or any suitable 5V serial interface.
6.
Use any of the connected devices to issue an alignment command to the encoder. This will digitally set the rising edge of ‘U’ and the ‘Z’ index to the
current angular position.
7.
Remove power from motor phase windings; connect motor and encoder to proper motor driver.
8.
If the above is done correctly your AMT31 encoder is now ready for operation. As a verification of alignment you may power the encoder, and use
an oscilloscope to monitor phase 1 of the motor and the ‘U’ channel of the encoder as you hand spin the motor. If alignment is correct, the square
wave generated on the ‘U’ channel will overlap perfectly with the sine wave generated by phase 1 of the motor. If alignment does not match, recheck
motor documentation and retry alignment procedure.
COMMUTATION ALIGNMENT AND ZERO POSITION
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com