Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT31 Datasheet(PDF) 11 Page - CUI Devices

Part # AMT31
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT31 Datasheet(HTML) 11 Page - CUI Devices

Back Button AMT31 Datasheet HTML 3Page - CUI Devices AMT31 Datasheet HTML 4Page - CUI Devices AMT31 Datasheet HTML 5Page - CUI Devices AMT31 Datasheet HTML 6Page - CUI Devices AMT31 Datasheet HTML 7Page - CUI Devices AMT31 Datasheet HTML 8Page - CUI Devices AMT31 Datasheet HTML 9Page - CUI Devices AMT31 Datasheet HTML 10Page - CUI Devices AMT31 Datasheet HTML 11Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CUI DEVICES | SERIES: AMT31 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 08/05/2022 | page 11 of 11
CUI Devices offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI Devices reserves the right to make changes to the product at any time without notice. Information provided by CUI Devices is believed to be accurate
and reliable. However, no responsibility is assumed by CUI Devices for its use, nor for any infringements of patents or other rights of third parties which may
result from its use.
CUI Devices products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A
critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
cuidevices.com
rev.
description
date
1.0
initial release
09/30/2014
1.01
updated datasheet
06/25/2015
1.02
updated datasheet
10/13/2015
1.03
added 360 & 2500 PPR resolutions, increased operating temperature to 125°C
12/18/2017
1.04
changed outer mounting holes to be oblong on wide base version
10/10/2018
1.05
brand update
11/21/2019
1.06
updated quadrature duty cycle details
10/08/2020
1.07
added motor shaft tolerance details, updated start-up details
09/10/2021
1.08
logo, datasheet style update
08/05/2022
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com