Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0013 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABACT0013
Description  1:1 Transmission Line Transformer 50 - 2150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0013 Datasheet(HTML) 3 Page - Tyco Electronics

  MABACT0013 Datasheet HTML 1Page - Tyco Electronics MABACT0013 Datasheet HTML 2Page - Tyco Electronics MABACT0013 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1:1 Transmission Line Transformer, 50 – 2150 MHz
MABACT0013
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Amplitude Unbalance
Phase Unbalance
Input Return Loss
-30
-25
-20
-15
-10
-5
0
5
505
1005
1505
2005
2505
Frequency (MHz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
5
505
1005
1505
2005
2505
Frequency (MHz)
110
130
150
170
190
210
230
250
5
505
1005
1505
2005
2505
Frequency (MHz)
3000
3000
3000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com