Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0013 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0013
Description  1:1 Transmission Line Transformer 50 - 2150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0013 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0013 Datasheet HTML 1Page - Tyco Electronics MABACT0013 Datasheet HTML 2Page - Tyco Electronics MABACT0013 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Frequency Range 50 - 2150 MHz
Test Conditions
Nominal
Units Min.
Typ.
Max.
Insertion Loss (Above 3dB)
50 - 950 MHz
950 - 2150 MHz
—
—
dB
dB
—
—
0.5
1.2
1.2
3.1
Amplitude Unbalance
50 - 2150 MHz
—
dB
—
0.3
2.0
Phase Unbalance
50 - 2150 MHz
—
°
—
7°
17°
Input Return Loss
50 - 2150 MHz
—
dB
13
16
—
Electrical Specifications @ 25
°C, Z0 = 75 Ohms
1:1 Transmission Line Transformer
50 – 2150 MHz
Note: Specifications subject to change without notice.
SM-152 Package
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Features
• Surface Mount
• 1:1 Impedance
• Available on Tape & Reel
Description
M/A-COM’s MABACT0013 is a 1:1 RF
transmission line transformer in a low cost,
surface mount package. The windings o f the
MABACT0013 are welded to the package
substrate for improved reliability and reduced
lead content. This Transformer is ideally suited
for CATV and Satellite STB/Subscriber
applications.


Similar Part No. - MABACT0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
logo
Tyco Electronics
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
More results

Similar Description - MABACT0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0044 MACOM-MABACT0044 Datasheet
80Kb / 4P
1:1 Transmission line Transformer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760 Datasheet
105Kb / 3P
1:1 Transmission Line Balun Transformer 50 - 1200 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-011014 MA-COM-MABA-011014 Datasheet
761Kb / 5P
Transformer, 1:1 Transmission Line 45 - 1200 MHz
MABA-011028 MA-COM-MABA-011028 Datasheet
621Kb / 5P
Transformer, 1:1 Transmission Line 600 - 1700 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com