Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3243BRJ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG3243BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3243BRJ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADG3243BRJ-R2 Datasheet HTML 1Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
Typical Performance Characteristics–ADG3243
–5–
VA/VB (V)
0
0
0.5
TA = 25 C
5
10
15
20
25
30
35
40
1.5
2.5
3.5
VCC = 3V
VCC = 3.3V
VCC = 3.6V
3.0
2.0
1.0
TPC 1. On Resistance vs.
Input Voltage
VA/VB (V)
0
0
0.5
5
10
15
85 C
25 C
1.0
40 C
= 2.5V
VCC
1.2
TPC 4. On Resistance vs. Input
Voltage for Different Temperatures
500
05
10
15
20
25
30
35
40
45
ENABLE FREQUENCY (MHz)
50
50
100
150
200
250
300
350
400
450
0
TA = 25 C
VCC = 3.3V
VCC = 2.5V
TPC 7. ICC vs. Enable Frequency
VA/VB (V)
0
0
0.5
5
10
15
20
25
30
35
40
1.5
2.5
VCC = 2.3V
VCC = 2.5V
VCC = 2.7V
TA = 25 C
3.0
2.0
1.0
TPC 2. On Resistance vs.
Input Voltage
VA/VB (V)
0
0
0.5
0.5
1.5
2.5
1.5
2.5
3.5
VCC = 3.6V
VCC = 3.3V
VCC = 3V
3.0
2.0
1.0
1.0
2.0
3.0
TA = 25 C
IO = –5 A
TPC 5. Pass Voltage vs. VCC
IO (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0.02
0.04
0.06
0.08
0.10
0
VCC = 3.3V
VCC = 2.5V
TA = 25 C
VA = 0V
BEx = 0
TPC 8. Output Low Characteristic
VA/VB (V)
0
0
0.5
5
10
15
20
1.5
2.0
1.0
25 C
85 C
40 C
= 3.3V
VCC
TPC 3. On Resistance vs. Input
Voltage for Different Temperatures
VA/VB (V)
0
0
0.5
0.5
1.5
2.5
1.5
2.5
VCC = 2.7V
VCC = 2.5V
VCC = 2.3V
TA = 25 C
IO = –5 A
2.0
1.0
1.0
2.0
3.0
TPC 6. Pass Voltage vs. VCC
IO (A)
0
–0.10
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25 C
VA = VCC
BEx = 0
VCC = 2.5V
VCC = 3.3V
–0.08
–0.06
–0.04
–0.02
0
TPC 9. Output High Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com