Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3243BRJ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG3243BRJ-R2
Description  2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3243BRJ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG3243BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3243BRJ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
–10–
ADG3243
OUTLINE DIMENSIONS
8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
1
3
5
6
2
8
4
7
2.90 BSC
PIN 1
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
8
4
0
2.80 BSC
COMPLIANT TO JEDEC STANDARDS MO-178BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com