Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25562SC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25562SC
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25562SC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25562SC Datasheet HTML 1Page - Cypress Semiconductor CY25562SC Datasheet HTML 2Page - Cypress Semiconductor CY25562SC Datasheet HTML 3Page - Cypress Semiconductor CY25562SC Datasheet HTML 4Page - Cypress Semiconductor CY25562SC Datasheet HTML 5Page - Cypress Semiconductor CY25562SC Datasheet HTML 6Page - Cypress Semiconductor CY25562SC Datasheet HTML 7Page - Cypress Semiconductor CY25562SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY25562
Document #: 38-07392 Rev. *B
Page 5 of 8
CY25562 Application Schematic
The schematic in Figure 3 above demonstrates how the
CY25562 is configured in a typical application. This application
is using a 200-MHz reference clock connected to pin 1.
Because an external reference clock is used, pin 8 (Xout) is
left unconnected.
This configuration depicts the profile and spectrum scans
shown in Figure 2. Note that S0 = S1 = 1, for a spread of
approximately 1.1%.
VDD
1
8
SSCC
VSS
S1
S0
XIN/CLK
XOUT
SSCLK
VDD
CY25562
5
7
6
4
0.1 uF
C3
2
3
VDD
200 MHz Reference Clock
VDD
Figure 3. Application Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com