Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25562SC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25562SC
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25562SC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY25562SC Datasheet HTML 1Page - Cypress Semiconductor CY25562SC Datasheet HTML 2Page - Cypress Semiconductor CY25562SC Datasheet HTML 3Page - Cypress Semiconductor CY25562SC Datasheet HTML 4Page - Cypress Semiconductor CY25562SC Datasheet HTML 5Page - Cypress Semiconductor CY25562SC Datasheet HTML 6Page - Cypress Semiconductor CY25562SC Datasheet HTML 7Page - Cypress Semiconductor CY25562SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY25562
Document #: 38-07392 Rev. *B
Page 6 of 8
Absolute Maximum Ratings[1, 2]
Supply Voltage (VDD): .................................... –0.5V to +6.0V
DC Input Voltage: ...................................–0.5V to VDD + 0.5V
Junction Temperature .................................–40°C to +140°C
Operating Temperature:...................................... 0°C to 70°C
Storage Temperature .................................. –65°C to +150°C
Static Discharge Voltage(ESD) ........................... 2,000V–Min
Table 2. DC Electrical Characteristics VDD = 3.3V, Temp. = 25°C, and CL (Pin 4) = 15 pF unless otherwise noted
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Range
±10%
2.97
3.3
3.63
V
VINH
Input High Voltage
S0 and S1 only.
0.85VDD
VDD
VDD
V
VINM
Input Middle Voltage
S0 and S1 only.
0.40VDD
0.50VDD
0.60VDD
V
VINL
Input Low Voltage
S0 and S1 only.
0.0
0.0
0.15VDD
V
VOH1
Output High Voltage
IOH = 6 ma
2.4
V
VOH2
Output High Voltage
IOH = 20 ma
2.0
V
VOL1
Output Low Voltage
IOH = 6 ma
0.4
V
VOL2
Output Low Voltage
IOH = 20 ma
1.2
V
Cin1
Input Capacitance
Xin/CLK (Pin 1)
3
4
5
pF
Cin2
Input Capacitance
Xout (Pin 8)
6
8
10
pF
Cin2
Input Capacitance
S0, S1, SSCC (Pins 7,6,5)
3
4
5
pF
IDD1
Power Supply Current
FIN = 65 MHz, CL = 15 pF
23
30
mA
IDD2
Power Supply Current
FIN = 200 MHz, CL =15 pF
53
66
mA
IDD3
Power Supply Current
FIN = 200 MHz, No Load
48
60
mA
Table 3. Electrical Timing Characteristics VDD = 3.3V, T = 25°C, and CL = 15 pF unless otherwise noted. Rise/Fall @ 0.4 – 2.4V,
Duty @ 1.5V
Parameter
Description
Conditions
Min
Typ
Max
Unit
ICLKFR
Input Clock Frequency Range Pk–pK = 3.3 Volts
50
200
MHz
tRISE
Clock Rise Time (Pin 4)
SSCLK, CL = 15 pF, 200 MHz
0.8
0.9
1.0
ns
tFALL
Clock Fall Time (Pin 4)
SSCLK, CL = 15 pF, 200 MHz
0.8
0.9
1.0
ns
tRISE
Clock Rise Time (Pin 4)
SSCLK, CL = 33 pF, 200 MHz
1.1
1.45
1.8
ns
tFALL
Clock Fall Time (Pin 4)
SSCLK, CL = 33 pF, 200 MHz
1.1
1.5
1.9
ns
DTYin
Input Clock Duty Cycle
XIN/CLK (Pin 1)
30
50
70
%
DTYout
Output Clock Duty Cycle
SSCLK1 (Pin 4)
45
50
55
%
FM1
Frequency Modulation
Fin = 70 MHz
29.5
30.0
30.5
kHz
FM2
Frequency Modulation
Fin = 200 MHz
85.0
85.4
86
kHz
CCJ1
Cycle-to-Cycle Jitter
Fin = 50 MHz, Mod ON
150
175
ps
CCJ2
Cycle-to-Cycle Jitter
Fin = 120 MHz, Mod ON
175
200
ps
CCJ3
Cycle-to-Cycle Jitter
Fin = 200 MHz, Mod ON
250
300
ps
Ordering Information
Part Number
Package Type
Product Flow
CY25562SC
8-pin SOIC
Commercial, 0
° to 70°C
CY25562SCT
8-pin SOIC–Tape and Reel
Commercial, 0
° to 70°C
Note:
1.
Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
2.
Operation at any Absolute Maximum Rating is not implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com