Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR37 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LSR37
Description  Low ohmic surge resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSR37 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LSR37 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 7Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 Sep 26
3
BCcomponents
Product specification
Low ohmic surge resistor
LSR37
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of rated resistance (nominal resistance) are taken from the E12 series with a tolerance of 10% or 20%.The
values of the E12 series are in accordance with “IEC publication 60063”.
The limiting voltage DC is not applicable, because the maximum rated voltage for the maximum Rn-value of 10 kΩ at
Pn = 0.5 W is only 70.7 V.
The maximum permissible hot-spot temperature is 155
°C.
Limiting values
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
DERATING
The power that the resistor can dissipate depends on the operating temperature; see Fig.1.
TYPE
LIMITING VOLTAGE(1)
(V)
LIMITING POWER
(W)
LSR37
0.5
VP
n
R
×
=
Fig.1
Maximum dissipation (Pmax) in percentage of rated power
as a function of the ambient temperature (Tamb).
70
100
50
0
0
50
100
155
CCB412
−55
Tamb (°C)
Pmax
(%Prated)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com