Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR37 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LSR37
Description  Low ohmic surge resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSR37 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LSR37 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 7Page - List of Unclassifed Manufacturers LSR37 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2002 Sep 26
7
BCcomponents
Product specification
Low ohmic surge resistor
LSR37
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule of “IEC publication 60115-1”, category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long term, 56 days). The testing also covers the requirements
specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068-2, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components”
and under standard atmospheric conditions according to
“IEC 60068-1”, subclause 5.3.
In Table 4 the tests and requirements are listed with
reference to the relevant clauses of
“IEC publications 60115-1 and 60068-2”; a short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
Table 4
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.16
21 (U)
robustness of terminations:
4.16.2
21 (Ua1)
tensile all samples
∅0.7 mm; load 10 N; 10 s
number of failures
<10 × 10−6
4.16.3
21 (Ub)
bending half number
of samples
∅0.7mm; load 5N; 4 × 90°
number of failures
<10 × 10−6
4.16.4
21 (Uc)
torsion other half
of samples
3
× 360° in opposite directions
no damage
∆R/R max.: ±1.0% + 0.10 Ω
4.17
20 (Ta)
solderability
2 s; 235
°C
good tinning; no damage
4.18
20 (Tb)
resistance to
soldering heat
thermal shock: 3 s; 350
°C;
6 mm from body
∆R/R max.: ±1.0% + 0.10 Ω
4.19
14 (Na)
rapid change of
temperature
30 minutes at
−55 °C and
30 minutes at +155
°C; 5 cycles
∆R/R max.: ±1.0% + 0.10 Ω
4.20
29 (Eb)
bump
3
× 1500 bumps in 3 directions;
40 g
no damage
∆R/R max.: ±1.0% + 0.10 Ω
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz;
displacement 1.5 mm or
acceleration 10 g; 3 directions;
total 6 hours (3
× 2 hours)
no damage
∆R/R max.: ±1.0% + 0.10 Ω
4.23
climatic sequence:
4.23.2
2 (Ba)
dry heat
16 hours; 155
°C
4.23.3
30 (Db)
damp heat (accelerated)
1st cycle
24 hours; 55
°C; 90 to 100% RH
4.23.4
1 (Aa)
cold
2 hours;
−55 °C
4.23.5
13 (M)
low air pressure
2 hours; 8.5 kPa; 15 to 35
°C
4.23.6
30 (Db)
damp heat (accelerated)
remaining cycles
5days; 55
°C; 95 to 100% RH
Rins min.: 103 MΩ
∆R/R max.: ±3.0% + 0.1 Ω
4.24.2
3 (Ca)
damp heat
(steady state)
56 days; 40
°C; 90 to 95% RH;
dissipation 0.01 Pn;
limiting voltage 100 V (DC)
∆R/R max.: ±3.0% + 0.1 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com