Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  1-Port RS-232/422/485 Modbus Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EKI-1211
Panel Cut-Out Dimensions: 46 x 85.1 x 21.2 (1.81 x 3.35 x 0.83)
Dimensions
Unit: mm [inch]
Ordering Information
ƒ
EKI-1211
1-Port RS-232/422/485 Modbus Gateway
ƒ
BB-RPS-v2-WR2-US
Power Adapter 12v 0.5A US
ƒ
BB-RPS-v2-WR2-EU
Power Adapter 12v 0.5A Europe
ƒ
BB-RPS-v2-WR2-UK
Power Adapter 12v 0.5A UK
4-M2 Draw screw
2-M2 Draw Screw
46.00 [1.81]
46.00 [1.81]
23.50 [0.93]
21.20 [0.83]
13.40 [0.53]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com