Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  1-Port RS-232/422/485 Modbus Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Soultions
Features
EKI-1211
ƒ
1 x 10/100 Mbps Ethernet port
ƒ
Integrates Modbus TCP and Modbus RTU/ASCII networks
ƒ
Baud rate: supports up to 230.4 Kbps
ƒ
Supports up to 16 connections per serial port under Modbus master mode and
32 sessions under Modbus slave mode
ƒ
Built-in 8-kV ESD protection for all serial signals
ƒ
Software-selectable RS-232/422/485-2w/485-4w communication
ƒ
Supports 32/64-bit Windows 2000/XP/Vista/7/8/8.1/10, Windows Server
2003/2008/2012, and Linux
ƒ
"I" models support a wide operating temperature
Specifications
Ethernet Communications
ƒ
Compatibility
IEEE 802.3, IEEE 802.3u
ƒ
Speed
10/100 Mbps
ƒ
No. of Ports
1
ƒ
Port Connector
8-pin RJ45
ƒ
Protection
Built-in 2.25 k VDC magnetic isolation
Serial Communications
ƒ
Port Type
RS-232/422/485
ƒ
No. of Ports
1
ƒ
Port Connector
DB9 male
ƒ
Data Bits
5, 6, 7, 8
ƒ
Stop Bits
1, 1.5, 2
ƒ
Parity
None, Odd, Even, Space, Mark
ƒ
Flow Control
XON/XOFF, RTS/CTS
ƒ
Baud Rate
300 bps ~ 230.4 kbps
ƒ
Serial Signals
RS-232: TxD, RxD, CTS, RTS, GND
RS-422: TxD+, TxD-, RxD+, RxD-, GND
RS-485 2-wire: Data+, Data-, GND
RS-485 4-wire: TxD+, TxD-, RxD+, RxD- GND
ƒ
Protection
Built-in 8 KV ESD for all signals
Software
ƒ
Driver Support
32-bit/64-bit Windows 2000/XP/Vista/7/8/8.1/10,
Windows Server 2003/2008/2012, and Linux
ƒ
Operation Modes
Modbus ASCII Master/Slave mode
Modbus RTU Master/Slave mode
ƒ
Configuration
Windows utility
ƒ
Protocols
ICMP, IP, TCP, UDP, BOOTP, DHCP, Auto IP, HTTP,
DNS, SMTP, ARP, NTP
Mechanics
ƒ
Dimensions (W x H x D) 46 x 85.1 x 21.2 mm (1.81" x 3.35' x 0.83')
ƒ
Enclosure
Metal with solid mounting hardware
ƒ
Mounting
DIN-rail, Wall
ƒ
Weight
0.127 kg
General
ƒ
LED Indicators
System: Power, System Status/LAN: Speed, Link/Active
Serial: Tx, Rx
Power Requirements
ƒ
Input
9 ~ 36 VDC
ƒ
Connector
Terminal block
ƒ
Consumption
1 W
Environment
ƒ
Operating Temperature -10 ~ 60 °C (14 ~ 140 °F)
I' models: -40 ~ 75 °C (-40 ~ 167 °F)
ƒ
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
ƒ
Operating Humidity
10 ~ 95% RH
Regulatory Approvals
ƒ
EMC
CE, FCC Part 15 Subpart B (Class A)
ƒ
Hazardous location
UL/cUL
Introduction
The EKI-1200 series Modbus gateways are bi-directional gateways for integrating new and existing Modbus/RTU and Modbus/ASCII serial devices to newer TCP/IP networked-based
devices. The EKI-1211 feature one independent Ethernet ports and MAC address. It provides a simple and cost-effective way to bring remote management and data accessibility to
thousands of devices that cannot otherwise connect to a network. The EKI-1200 series allow users to select master or slave operation mode for each serial port. In addition to allowing
an Ethernet master to control serial slaves, they also allow serial masters to control Ethernet slaves.
1-Port RS-232/422/485 Modbus Gateway
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 19-Aug-2022


Similar Part No. - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
452Kb / 2P
10KHz@1-axis Smart Vibration Sensor
20-Dec-2023
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
1Mb / 2P
8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
1Mb / 2P
4-ch Digital Input and 4-ch Relay Output IoT Wireless I/O Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
978Kb / 3P
Wi-Fi 2.4/5 GHz 802.11 a/b/g/n/ac I/O and Sensor Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
346Kb / 2P
Industrial LoRaWAN Gateway
1-Jul-2024
More results

Similar Description - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
logo
Axiomtek Co., Ltd.
ICON-101CS AXIOMTEK-ICON-101CS Datasheet
325Kb / 2P
1-port CAN to RS-232/422/485 Industrial Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
5100 MOXA-5100 Datasheet
788Kb / 5P
1-port RS-232/422/485 serial device servers
5100A MOXA-5100A Datasheet
4Mb / 7P
1-port RS-232/422/485 serial device servers
6100 MOXA-6100 Datasheet
664Kb / 6P
1/2-port RS-232/422/485 secure terminal servers
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com