Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP2010Q Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CMP2010Q
Description  CMP-Q Series High Power Anti-Surge Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP2010Q Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CMP2010Q Datasheet HTML 1Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 2Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 3Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 4Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 5Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 6Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 7Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CMP-Q Series High Power Anti-Surge Chip Resistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Performance Characteristics
Test Item
Method
Procedure
Test Limits DR
Electrical
Characteristics
AEC-Q200 Table 7.1
Measure the resistance value
DC Resistance:
F: ±1 % : J : ±5 %
TCR: Within specifications
High Temperature
Exposure (Storage)
AEC-Q200 Table 7.3
1000 hours @ T = 125 °C unpowered;
Measurement at 24 ±2 hours after test conclusion
J: ∆ R ≤ ±(3 % + 0.1 Ω)
F: ∆ R ≤ ±(1 % + 0.05 Ω)
Temperature Cycling AEC-Q200 Table 7.4
1000 cycles (-55 °C to +125 °C);
Measurement at 24 ±2 hours after test conclusion
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
No mechanical damage
Moisture Resistance AEC-Q200 Table 7.6
Test 65 °C / 80-100 % RH / 10 cycles;
Measurement at 24 ±2 hours after test conclusion
(t = 24 hours/cycle)
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
Biased Humidity
AEC-Q200 Table 7.7
1000 hours 85 °C / 85 % RH, 10 % of operating power;
Measurement at 24 ±2 hours after test conclusion
J: ∆ R ≤ ±(3 % + 0.1 Ω)
F: ∆ R ≤ ±(1 % + 0.05 Ω)
Operational Life
AEC-Q200 Table 7.8
Test 1000 hours @ TA = 125 °C at specified rated power;
Measurement at 24 ±2 hours after test conclusion
J: ∆ R ≤ ±(3 % + 0.1 Ω)
F: ∆ R ≤ ±(1 % + 0.05 Ω)
Mechanical Shock
AEC-Q200 Table 7.13
Test peak value: 100 g’s, wave: hail-sine;
Duration: 6 ms, Velocity: 12.3 ft/sec.
Within product specification
tolerance and no visible
damage
Vibration
AEC-Q200 Table 7.14
5 g’s for 20 min., 12 cycles each of 3 orientations;
Test from 10-2000 Hz
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
No mechanical damage
Resistance to Solder
Heat
AEC-Q200 Table 7.15
Solder dipping @ 270 °C ±5 °C for 10 sec. ±1 sec.
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
No mechanical damage
Thermal Shock
AEC-Q200 Table 7.16
-55 to 155 °C / dwell time 15 min /
max transfer time 20 sec / 300 cycles
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
No mechanical damage
ESD
AEC-Q200-002
Test contact min. 1 kV
∆ R ≤ ±(1 % + 0.1 Ω)
Solderability
AEC-Q200 Table 7.18
a) Baking 155 °C 4H, dipping 235 °C 5 sec
b) Steam 8H, dipping 215 °C 5 sec
c) Steam 8H, dipping 260 °C 7 sec
Over 95 % of termination
must be covered with solder
Flammability
AEC-Q200 Table 7.20
UL-94 V-0 or V-1 are acceptable
Refer UL-94
Board Flex
AEC-Q200 Table 7.21
Bending 2 mm (2512Q, 1206Q),
3 mm (0805Q, 0603Q)
J: ∆ R ≤ ±(1 % + 0.1 Ω)
F: ∆ R ≤ ±(0.5 % + 0.05 Ω)
No mechanical damage
Terminal Strength
AEC-Q200 Table 7.22
Force 1.8 Kg for 60 sec
No mechanical damage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com