Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP2010Q Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMP2010Q
Description  CMP-Q Series High Power Anti-Surge Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP2010Q Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMP2010Q Datasheet HTML 1Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 2Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 3Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 4Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 5Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 6Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 7Page - Bourns Electronic Solutions CMP2010Q Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMP-Q Series High Power Anti-Surge Chip Resistor
01B
Features
n
Thick film technology
n
Power rating up to 1.5 watts @ 70 °C
n
High power surge withstanding
n
RoHS compliant*
n
Halogen free**
n
AEC-Q200 compliant
Applications
n
Power supplies
n
Digital meters
n
Consumer electronics
n
LED lighting
n
Industry control boards
Electrical Characteristics
Characteristic
Model
CMP0603Q
CMP0805Q
CMP1206Q
CMP2010Q
CMP2512Q
Power Rating @ 70 °C
0.25 W
0.5 W
0.75 W
1 W
1.5 W
Operating Temperature Range
-55 °C to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
75 V
200 V
250 V
200 V
300 V
Maximum Overload Voltage
125 V
300 V
500 V
400 V
600 V
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
10 Ω to 1 MΩ
(±1 %, E24 & E96 Series)
10 Ω to 1 MΩ
(±5 %, E24 Series
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
Note: Solder pad and trace size should be evaluated and board surface temperature
should not exceed +105 °C when applying full rated power.
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - CMP2010Q

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMP2010 BOURNS-CMP2010 Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-FW-1002ELF BOURNS-CMP2010-FW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-FX-1002ELF BOURNS-CMP2010-FX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-JW-1002ELF BOURNS-CMP2010-JW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-JX-1002ELF BOURNS-CMP2010-JX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
More results

Similar Description - CMP2010Q

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
Anti-surge thick film chip resistor
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
High Power Anti-Surge Chip Resistor
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
High Power Anti-Surge Resistor
CMP-A BOURNS-CMP-A Datasheet
257Kb / 8P
CMP-A Series High Power Anti-Surge Chip Resistors
REV. 05/21
CMP BOURNS-CMP Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
logo
Bourns Electronic Solut...
CRS-Q BOURNS-CRS-Q Datasheet
908Kb / 6P
CRS-Q Series High Power Anti-Surge Resistor
C1753 05/17/18R
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com