Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C4008 Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
32 pin 600 mil P-DIP Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A1
0.0
15 (MIN)
0.
381 (MIN)
A2
0.15
5 ± 0.005
3.
937 ± 0.127
B
0.018 ± 0.005
0.457 ± 0.127
D
1.650 ± 0.005
41.910 ± 0.127
E
0.600 ± 0.010
15.240 ± 0.254
E1
0.54
5 ± 0.005
13.8
43 ± 0.127
e
0.100 (TYP)
2.540 (TYP)
eB
0.640 ± 0.020
16.256 ± 0.508.
L
0.130 ± 0.010
3.302 ± 0.254
S
0.075 ± 0.010
1.905 ± 0.254
Q1
0.070 ± 0.005
1.778 ± 0.127
Note : D/E1/S dimension do not include mold flash.
AUG09 v1.4
Alliance Memory Inc
Page 13 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com