Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C4008 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C4008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
1
32
2
31
3
30
4
29
5
28
6
27
7
26
8
25
10
AS6C4008
23
11
22
21
13
20
14
19
15
18
16
17
1
32
2
31
3
30
4
29
5
28
6
27
7
26
8
25
AS6C4008
9
24
10
23
11
22
12
21
13
20
14
19
15
18
16
17
A18
1
32
Vcc
A16
2
31
A15
A14
3
30
A17
A12
4
29
WE#
A7
5
28
A13
A6
6
27
A8
A5
7
26
A9
A4
8
25
A11
A3
9
24
OE#
A2
10
23
A10
A1
11
22
CE#
A0
12
21
DQ7
DQ0
13
20
DQ6
DQ1
14
19
DQ5
DQ2
15
18
DQ4
Vss
16
17
DQ3
SOP/ P-DIP
PIN CONFIGURATION
A11
A9
A8
A13
WE#
A17
A15
Vcc
A18
9
A16
A14
A12
12
A7
A6
A5
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
24
Vss
DQ2
DQ1
DQ0
A0
A1
A2
A4
A3
TSOP-I/STSOP
A18
A16
VCC
A15
A14
A17
A12
W E#
A7
A13
A6
A8
A5
A9
A4
A11
A3
A2
A1
A0
DQ0
DQ1
OE#
A10
CE#
DQ7
DQ6
DQ5
A
A0
B
DQ4
C
DQ5
D
Vss
E
Vcc
F
DQ6
A1
NC
A2
WE#
NC
A18
A3
A4
A5
A17
A6
A8
A7
DQ0
DQ1
Vcc
Vss
DQ2
DQ2
DQ4
G
DQ7 OE# CE#
A16
A15
DQ3
VSS
DQ3
H
A
9
A10
A11
A12
A13
A14
TSOP-II
1
2
3
4
5
6
TFBGA
Page 2 of 14
AUG/09, v 1.4
Alliance Memory Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com