Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2015FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD2015FN
Description  Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2015FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD2015FN Datasheet HTML 3Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 4Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 5Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 6Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 7Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 8Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 9Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 10Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPD2015FN
2022-03-15
7
© 2022
Toshiba Electronic Devices & Storage Corporation
8. Absolute Maximum Ratings
Table 8.1
Absolute Maximum Ratings
(Ta = 25°C unless otherwise specified)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD
−0.3 to 40.0
V
Input voltage
VIN
−0.3 to 6.0
V
VDDx - OUTx withstand voltage
VDSS
50.0
1)
V
Output current
IOUT
Internally limited
A
Power dissipation
PD
1.8
W
Operating temperature
Topr
−40 to 110
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
1) Not subject to production test.
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability
test report and estimated failure rate, etc).
8.1. Thermal Resistance
Table 8.2
Thermal resistance
Characteristics
Symbol
Rating
Unit
Thermal resistance
( junction-to-ambient )
Rth (j–a)
70
°C / W
Note:
JEDEC Standard.
Glass epoxy board
Material: FR-4(4 layer)
Board size: 76.2mm x 114.3mm x 1.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com