Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2015FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD2015FN
Description  Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2015FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD2015FN Datasheet HTML 1Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 2Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 3Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 4Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 5Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 6Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 7Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 8Page - Toshiba Semiconductor TPD2015FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPD2015FN
2022-03-15
1
© 2022
Toshiba Electronic Devices & Storage Corporation
Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
TPD2015FN
High side power switch array (8-channels) for motors, solenoids, lamp drives
1. Description
TPD2015FN is a high-side switch array (8-channels) with MOSFET
outputs. This is the monolithic power IC that can be driven directly
from CMOS, TTL logic circuitry (MCU, etc.) and have over current and
over temperature protection features.
2. Applications
●
Programmable logic controller for Industrial Use.
●
Driving resistant load and inductive load
3. Features
●
8-channels of N-channel MOSFET and charge pump are built-in.
●
This IC can drive the power load directly.
●
Built-in protection against over temperature and over current.
●
8-channels access enables space-saving design.
●
High voltage operation is possible : 40 V
●
Low on resistance : 0.55
Ω (max) @ VDD = 12V, IOUT = 0.5A, Tj = 25℃ (per channel)
●
Parallel operation is possible.
●
Package is SSOP30 (300 mil) and packing form is embossed taping.
Note:This product has a MOS structure and is sensitive to electrostatic discharge.
SSOP30-P-300-0.65
TPD2015FN
Start of commercial production
2022-05


Similar Part No. - TPD2015FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2017FN TOSHIBA-TPD2017FN Datasheet
1Mb / 17P
Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
2022-03-15
More results

Similar Description - TPD2015FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1024S TOSHIBA-TPD1024S Datasheet
193Kb / 8P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1028BS TOSHIBA-TPD1028BS Datasheet
191Kb / 8P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS IC
TPD1032F TOSHIBA-TPD1032F Datasheet
112Kb / 5P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TPD7104AF TOSHIBA-TPD7104AF Datasheet
777Kb / 15P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2016-05-19
TPD7106F TOSHIBA-TPD7106F Datasheet
635Kb / 22P
TOSHIBA Intelligent Power Device Silicon Power MOS Integrated Circuit
2020-01-16
TPD7107F TOSHIBA-TPD7107F Datasheet
1Mb / 34P
TOSHIBA Intelligent Power Device Silicon Power MOS Integrated Circuit
2022- 11-16
TPD7212FN TOSHIBA-TPD7212FN Datasheet
884Kb / 24P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020- 07-03
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
TPD2017FN TOSHIBA-TPD2017FN Datasheet
1Mb / 17P
Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
2022-03-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com