Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2017FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD2017FN
Description  Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2017FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD2017FN Datasheet HTML 1Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 2Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 3Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 4Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 5Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 6Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 7Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 8Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPD2017FN
2022-03-15
4
© 2022
Toshiba Electronic Devices & Storage Corporation
6. Pin Description
Table 6.1 Pin Description
Pin No.
Symbol
I/O
Pin Description
1
GND1
-
GND pin.
2
GND2
-
GND pin.
3
NC
-
No-Connect pin.
4
VDD
-
Power supply pin.
5
IN1
IN
Input pin for channel 1. Built in pull down resistor (300kΩ typ.).
6
IN2
IN
Input pin for channel 2. Built in pull down resistor (300kΩ typ.).
7
IN3
IN
Input pin for channel 3. Built in pull down resistor (300kΩ typ.).
8
IN4
IN
Input pin for channel 4. Built in pull down resistor (300kΩ typ.).
9
IN5
IN
Input pin for channel 5. Built in pull down resistor (300kΩ typ.).
10
IN6
IN
Input pin for channel 6. Built in pull down resistor (300kΩ typ.).
11
IN7
IN
Input pin for channel 7. Built in pull down resistor (300kΩ typ.).
12
IN8
IN
Input pin for channel 8. Built in pull down resistor (300kΩ typ.).
13
NC
-
No-Connect pin.
14
GND3
-
GND pin.
15
GND4
-
GND pin.
16
NC
-
No-Connect pin.
17
NC
-
No-Connect pin.
18
NC
-
No-Connect pin.
19
OUT8
OUT
Output pin of channel 8.
20
OUT7
OUT
Output pin of channel 7.
21
OUT6
OUT
Output pin of channel 6.
22
OUT5
OUT
Output pin of channel 5.
23
OUT4
OUT
Output pin of channel 4.
24
OUT3
OUT
Output pin of channel 3.
25
OUT2
OUT
Output pin of channel 2.
26
OUT1
OUT
Output pin of channel 1.
27
NC
-
No-Connect pin.
28
NC
-
No-Connect pin.
29
NC
-
No-Connect pin.
30
NC
-
No-Connect pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com