Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2017FN Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD2017FN
Description  Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2017FN Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD2017FN Datasheet HTML 4Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 5Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 6Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 7Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 8Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 9Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 10Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 11Page - Toshiba Semiconductor TPD2017FN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPD2017FN
2022-03-15
8
© 2022
Toshiba Electronic Devices & Storage Corporation
9. Operating Ranges
Table 9.1 Operating supply voltage
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD(opr)
Tj = 25°C
2.7
-
5.5
V
10. Electrical Characteristics
Table 10.1 Electrical Characteristics
(Tj = 25°C, VDD = 2.7 to 5.5V unless otherwise specified)
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Output clamp voltage
V(CL)OUT
IOUT = 10mA, VIN = 0V
40
-
50
V
Supply current
IDD(OFF)
VDD =5V, VIN = 0V
-
1.8
2.6
mA
IDD(ON)
VDD =5V, VIN = 5V,
All outputs open
-
2.2
3.1
mA
Input voltage
“L” level
VIL
-
-
-
0.8
V
“H” level
VIH
-
2.0
-
-
Input current
IIL
VIN = 0V
−1.0
-
1.0
μA
IIH
VIN = 5V
-
17
23
On resistance
RDS(ON)
VDD = 5V, VIN = 5V,
IOUT = 0.5A
-
0.40
0.55
Ω
Output leakage current
IOL
VL = 40V, VIN = 0V,
Per output
-
-
10
μA
Over current detection
IOC
VDD = 5V
1.0
1.5
2.5
A
Over current protection
operation time
tOFF-DUTY
VDD = 5V
1.5
3.0
4.8
ms
Over
temperature
detection
Temperature
TSD
VDD = 5V
150
175
200
°C
Hysteresis
ΔTSD
VDD = 5V
5
15
25
Switching time
tON
Refer to test circuit 1
5
10
18
μs
tOFF
3
8
15
Single pulse energy
ES
Ta=25℃, IOUT=0.75A
(1-channel operation)
30
1502)
-
mJ
2) Not subject to production test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com