Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1680 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1680
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1680 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1680 Datasheet HTML 1Page - Diodes Incorporated AP1680 Datasheet HTML 2Page - Diodes Incorporated AP1680 Datasheet HTML 3Page - Diodes Incorporated AP1680 Datasheet HTML 4Page - Diodes Incorporated AP1680 Datasheet HTML 5Page - Diodes Incorporated AP1680 Datasheet HTML 6Page - Diodes Incorporated AP1680 Datasheet HTML 7Page - Diodes Incorporated AP1680 Datasheet HTML 8Page - Diodes Incorporated AP1680 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680
Preliminary Datasheet
4
BCD Semiconductor Manufacturing Limited
Apr. 2011 Rev. 1. 0
Parameter
Value
Unit
Supply Voltage VCC
-0.3 to 36
V
Voltage at CS, OUT to GND
-0.3 to 7
V
FB Input
-40 to 10
V
Output Current at OUT
Internally limited
A
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
Thermal Resistance Junction-to-Ambient
250
oC/W
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Ordering Information
Circuit Type
AP1680
-
TR: Tape and Reel
Package
G1: Green
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOT-23-6
-40 to 105oC
AP1680K6TR-G1
GBF
Tape & Reel
K6: SOT-23-6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com