Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1680 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1680
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1680 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP1680 Datasheet HTML 1Page - Diodes Incorporated AP1680 Datasheet HTML 2Page - Diodes Incorporated AP1680 Datasheet HTML 3Page - Diodes Incorporated AP1680 Datasheet HTML 4Page - Diodes Incorporated AP1680 Datasheet HTML 5Page - Diodes Incorporated AP1680 Datasheet HTML 6Page - Diodes Incorporated AP1680 Datasheet HTML 7Page - Diodes Incorporated AP1680 Datasheet HTML 8Page - Diodes Incorporated AP1680 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680
Preliminary Datasheet
8
BCD Semiconductor Manufacturing Limited
Apr. 2011 Rev. 1. 0
Mechanical Dimensions
Unit: mm(inch)
SOT-23-6
2.820(0.111)
3.020(0.119)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.400(0.016)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0°
8°
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.150(0.006)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
12
3
4
5
6
Pin 1 Dot by Marking



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com