Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2610IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2610IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2610IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2610IGN Datasheet HTML 7Page - Linear Technology LTC2610IGN Datasheet HTML 8Page - Linear Technology LTC2610IGN Datasheet HTML 9Page - Linear Technology LTC2610IGN Datasheet HTML 10Page - Linear Technology LTC2610IGN Datasheet HTML 11Page - Linear Technology LTC2610IGN Datasheet HTML 12Page - Linear Technology LTC2610IGN Datasheet HTML 13Page - Linear Technology LTC2610IGN Datasheet HTML 14Page - Linear Technology LTC2610IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC2600/LTC2610/LTC2620
2600fa
Table 1.
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register n
0001
Update (Power Up) DAC Register n
0010
Write to Input Register n, Update (Power Up) All n
0011
Write to and Update (Power Up) n
0100
Power Down n
1111
No Operation
ADDRESS (n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
DAC C
0011
DAC D
0100
DAC E
0101
DAC F
0110
DAC G
0111
DAC H
1111
All DACs
Serial Interface
The CS/LD input is level triggered. When this input is taken
low, it acts as a chip-select signal, powering-on the SDI
and SCK buffers and enabling the input shift register. Data
(SDI input) is transferred at the next 24 rising SCK edges.
The 4-bit command, C3-C0, is loaded first; then the 4-bit
DAC address, A3-A0; and finally the 16-bit data word. The
data word comprises the 16-, 14- or 12-bit input code,
ordered MSB-to-LSB, followed by 0, 2 or 4 don’t-care bits
(LTC2600, LTC2610 and LTC2620 respectively). Data can
only be transferred to the device when the CS/LD signal is
low.The rising edge of CS/LD ends the data transfer and
causes the device to carry out the action specified in the
24-bit input word. The complete sequence is shown in
Figure 2a.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 1. The first four commands in the table
consist of write and update operations. A write operation
loads a 16-bit data word from the 32-bit shift register into
the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path and
registers are shown in the block diagram.
While the minimum input word is 24 bits, it may optionally
be extended to 32 bits. To use the 32-bit word width,
8 don’t-care bits are transferred to the device first, fol-
lowed by the 24-bit word as just described. Figure 2b
OPERATIO
Power-On Reset
The LTC2600/LTC2610/LTC2620 clear the outputs to zero
scale when power is first applied, making system initializa-
tion consistent and repeatable.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2600/
2610/2620 contain circuitry to reduce the power-on glitch:
the analog outputs typically rise less than 10mV above
zero scale during power on if the power supply is ramped
to 5V in 1ms or more. In general, the glitch amplitude
decreases as the power supply ramp time is increased.
See Power-On Reset Glitch in the Typical Performance
Characteristics section.
Power Supply Sequencing
The voltage at REF (Pin 6) should be kept within the range
– 0.3V
≤ VREF ≤ VCC + 0.3V (see Absolute Maximum
Ratings). Particular care should be taken to observe these
limits during power supply turn-on and turn-off sequences,
when the voltage at VCC (Pin 16) is in transition.
Transfer Function
The digital-to-analog transfer function is
V
k
V
OUT IDEAL
N
REF
() =


2
where k is the decimal equivalent of the binary DAC input
code, N is the resolution and VREF is the voltage at REF
(Pin 6).
*Command and address codes not shown are reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com