Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2610IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2610IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2610IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2610IGN Datasheet HTML 1Page - Linear Technology LTC2610IGN Datasheet HTML 2Page - Linear Technology LTC2610IGN Datasheet HTML 3Page - Linear Technology LTC2610IGN Datasheet HTML 4Page - Linear Technology LTC2610IGN Datasheet HTML 5Page - Linear Technology LTC2610IGN Datasheet HTML 6Page - Linear Technology LTC2610IGN Datasheet HTML 7Page - Linear Technology LTC2610IGN Datasheet HTML 8Page - Linear Technology LTC2610IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2600/LTC2610/LTC2620
2600fa
LTC2600/LTC2610/LTC2620
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.5V to 5.5V
t1
SDI Valid to SCK Setup
q
4ns
t2
SDI Valid to SCK Hold
q
4ns
t3
SCK High Time
q
9ns
t4
SCK Low Time
q
9ns
t5
CS/LD Pulse Width
q
10
ns
t6
LSB SCK High to CS/LD High
q
7ns
t7
CS/LD Low to SCK High
q
7ns
t8
SDO Propagation Delay from SCK Falling Edge
CLOAD = 10pF
VCC = 4.5V to 5.5V
q
20
ns
VCC = 2.5V to 5.5V
q
45
ns
t9
CLR Pulse Width
q
20
ns
t10
CS/LD High to SCK Positive Edge
q
7ns
SCK Frequency
50% Duty Cycle
q
50
MHz
TI I G CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Note 6)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16, kL =
256 and linearity is defined from code 256 to code 65,535.
Note 3: Digital inputs at 0V or VCC.
Note 4: DC crosstalk is measured with VCC = 5V and VREF = 4.096V, with
the measured DAC at midscale, unless otherwise noted.
Note 5: RL = 2kΩ to GND or VCC.
Note 6: Guaranteed by design and not production tested.
Note 7: Inferred from measurement at code 256 (LTC2600), code 64
(LTC2610) or code 16 (LTC2620), and at fullscale.
Note 8: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2k in parallel with 200pF to GND.
Note 9: VCC = 5V, VREF = 4.096V. DAC is stepped ±1LSB between half
scale and half scale – 1. Load is 2k in parallel with 200pF to GND.
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
LTC2620
LTC2610
LTC2600
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time (Note 8)
±0.024% (±1LSB at 12 Bits)
7
7
7
µs
±0.006% (±1LSB at 14 Bits)
9
9
µs
±0.0015% (±1LSB at 16 Bits)
10
µs
Settling Time for 1LSB Step
±0.024% (±1LSB at 12 Bits)
2.7
2.7
2.7
µs
(Note 9)
±0.006% (±1LSB at 14 Bits)
4.8
4.8
µs
±0.0015% (±1LSB at 16 Bits)
5.2
µs
Voltage Output Slew Rate
0.80
0.80
0.80
V/
µs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
120
120
120
nV/
√Hz
At f = 10kHz
100
100
100
nV/
√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com