Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMO31.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMO31..
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMO31.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMO31.. Datasheet HTML 1Page - Vishay Siliconix VLMO31.. Datasheet HTML 2Page - Vishay Siliconix VLMO31.. Datasheet HTML 3Page - Vishay Siliconix VLMO31.. Datasheet HTML 4Page - Vishay Siliconix VLMO31.. Datasheet HTML 5Page - Vishay Siliconix VLMO31.. Datasheet HTML 6Page - Vishay Siliconix VLMO31.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMO31..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 14-Apr-2022
1
Document Number: 81333
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed for applications requiring
narrow brightness and color selection.
The package of this device is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
948553
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMO31J1K2-GS08
Soft orange
4.5
8
11.2
10
598
605
611
10
-
2.0
2.8
20
GaAsP on GaP
VLMO31K1L2-GS08
Soft orange
7.1
8.5
18
10
598
605
611
10
-
2.0
2.8
20
GaAsP on GaP


Similar Part No. - VLMO31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
Standard SMD LED PLCC-2
03-Aug-15
VLMO31 VISHAY-VLMO31 Datasheet
210Kb / 8P
Standard SMD LED PLCC-2
09-Jul-2019
VLMO310 VISHAY-VLMO310 Datasheet
211Kb / 13P
Standard SMD LED PLCC-2
04-Nov-15
VLMO310 VISHAY-VLMO310 Datasheet
221Kb / 13P
Standard SMD LED PLCC-2
08-Jul-2019
VLMO310 VISHAY-VLMO310 Datasheet
303Kb / 12P
Standard SMD LED PLCC-2
16-Feb-2022
More results

Similar Description - VLMO31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com