Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMO31.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMO31..
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMO31.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMO31.. Datasheet HTML 1Page - Vishay Siliconix VLMO31.. Datasheet HTML 2Page - Vishay Siliconix VLMO31.. Datasheet HTML 3Page - Vishay Siliconix VLMO31.. Datasheet HTML 4Page - Vishay Siliconix VLMO31.. Datasheet HTML 5Page - Vishay Siliconix VLMO31.. Datasheet HTML 6Page - Vishay Siliconix VLMO31.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMO31..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 14-Apr-2022
2
Document Number: 81333
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %. The above Type Numbers represent
the order groups which include only a few brightness groups.
Only one group will be shipped on each reel (there will be no
mixing of two groups on each reel). In order to ensure availability,
single brightness groups will not be orderable. In a similar
manner for colors where wavelength groups are measured and
binned, single wavelength groups will be shipped on any one
reel. In order to ensure availability, single wavelength groups will
not be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C unless otherwise specified)
VLMO31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
Tamb
≤ 74 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.34
A
Power dissipation
PV
56
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified)
VLMO31.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMO31J1K2
IV
4.5
8
11.2
mcd
VLMO31K1L2
IV
7.1
8.5
18
mcd
Dominant wavelength
IF = 10 mA
λd
598
605
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.0
2.8
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
J
14.5
5.6
25.6
7.1
K
17.1
9.0
2
9.0
11.2
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
CROSSING TABLE
VISHAY
OSRAM
VLMO31J1K2
LOT670-J1K2
VLMO31K1L2
LOT670-K1L2
COLOR CLASSIFICATION
GROUP
SOFT ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
598
601
2
600
603
3
602
605
4
604
607
5
606
609
6
608
611



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com