Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW15.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMW15..
Description  Ultrabright 0402 ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW15.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMW15.. Datasheet HTML 1Page - Vishay Siliconix VLMW15.. Datasheet HTML 2Page - Vishay Siliconix VLMW15.. Datasheet HTML 3Page - Vishay Siliconix VLMW15.. Datasheet HTML 4Page - Vishay Siliconix VLMW15.. Datasheet HTML 5Page - Vishay Siliconix VLMW15.. Datasheet HTML 6Page - Vishay Siliconix VLMW15.. Datasheet HTML 7Page - Vishay Siliconix VLMW15.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMW15..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 19-Mar-2021
1
Document Number: 82522
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrabright 0402 ChipLED
DESCRIPTION
The new 0402 ChipLED series has been designed in the
smallest SMD package. This innovative 0402 ChipLED
technology opens the way to
• Smaller products of higher performance
• More design-in flexibility
• Enhanced applications
The 0402 LED is an obvious solution for small-scale
products that are expected to work reliably in an arduous
environment.
This package is filled with a mixture of epoxy and yellow
converter.
The yellow converter converts the blue emission partially to
yellow, which mixes with the remaining blue to give white.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0402 ChipLED
• Product series: standard
• Angle of half intensity: ± 65°
FEATURES
• High efficient InGaN technology
• Super thin ChipLED with exceptional brightness
1.0 mm x 0.5 mm x 0.35 mm (L x W x H)
• High reliability, PCB based
• Temperature range -30 °C to +80 °C
• Chromaticity coordinates categorized according
to CIE 1931 per packing unit
• Typical color temperature 7000 K
• EIA standard package
• Compatible to IR reflow soldering
• Available on 7" diameter reel
• Preconditioning according to JEDEC® level 2a
• ESD-sensitive device
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Backlighting for audio and video equipment
• Backlighting in office equipment
• Indoor and outdoor message boards
• Flat backlight for LCDs, switches, and symbols
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
COORDINATE
(x, y)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VLMW1500-GS08
White
45
90
180
5
-
0.304,
0.300
-
5
2.65
2.90
3.05
5
InGaN / yellow
converter
VLMW1501-GS08
White
71
90
180
5
-
0.294,
0.286
-
5
2.65
2.90
3.05
5
InGaN / yellow
converter
VLMW1502-GS08
White
71
90
180
5
-
0.314,
0.315
-
5
2.65
2.90
3.05
5
InGaN / yellow
converter
VLMW1503-GS08
White
71
90
180
5
-
0.304,
0.300
-
5
2.65
2.90
3.05
5
InGaN / yellow
converter


Similar Part No. - VLMW15..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
Ultrabright 0402 ChipLED
10-Jul-14
VLMW15 VISHAY-VLMW15 Datasheet
264Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
Ultrabright 0402 ChipLED
21-May-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1500 TO-GRACE-VLMW1500 Datasheet
528Kb / 8P
Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMW1500-GS08 VISHAY-VLMW1500-GS08 Datasheet
188Kb / 8P
Ultrabright 0402 ChipLED
21-May-12
More results

Similar Description - VLMW15..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1500 VISHAY-VLMS1500 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
Ultrabright 0402 ChipLED
21-May-12
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
ULTRABRIGHT YELLOW
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
Ultrabright 0402 ChipLED
10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
Ultrabright 0402 ChipLED
05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
Ultrabright 0402 ChipLED
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com