Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW15.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMW15..
Description  Ultrabright 0402 ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW15.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMW15.. Datasheet HTML 1Page - Vishay Siliconix VLMW15.. Datasheet HTML 2Page - Vishay Siliconix VLMW15.. Datasheet HTML 3Page - Vishay Siliconix VLMW15.. Datasheet HTML 4Page - Vishay Siliconix VLMW15.. Datasheet HTML 5Page - Vishay Siliconix VLMW15.. Datasheet HTML 6Page - Vishay Siliconix VLMW15.. Datasheet HTML 7Page - Vishay Siliconix VLMW15.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMW15..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 19-Mar-2021
3
Document Number: 82522
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of ± 0.01.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Intensity vs. Wavelength
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Forward Current
CHROMATICITY COORDINATED GROUPS FOR WHITE SMD LED
XY
XY
S1
0.274
0.226
S4
0.294
0.286
0.274
0.258
0.294
0.319
0.294
0.286
0.314
0.347
0.294
0.254
0.314
0.315
S2
0.274
0.258
S5
0.314
0.282
0.274
0.291
0.314
0.315
0.294
0.319
0.334
0.343
0.294
0.286
0.334
0.311
S3
0.294
0.254
S6
0.314
0.315
0.294
0.286
0.314
0.347
0.314
0.315
0.334
0.376
0.314
0.282
0.334
0.343
0
5
10
15
20
25
0
20406080
100
Tamb Ambient Temperature (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400 450 500 550 600 650 700 750 800
λ - Wavelength (nm)
0
10
20
30
40
50
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage (V)
0
1
2
3
4
0
10203040
IF - Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com