Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS234.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMS234..
Description  Power Mini SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS234.. Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMS234.. Datasheet HTML 1Page - Vishay Siliconix VLMS234.. Datasheet HTML 2Page - Vishay Siliconix VLMS234.. Datasheet HTML 3Page - Vishay Siliconix VLMS234.. Datasheet HTML 4Page - Vishay Siliconix VLMS234.. Datasheet HTML 5Page - Vishay Siliconix VLMS234.. Datasheet HTML 6Page - Vishay Siliconix VLMS234.. Datasheet HTML 7Page - Vishay Siliconix VLMS234.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VLMS234.., VLMR234.., VLMK234.., VLMY234..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 07-Mar-17
5
Document Number: 84215
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Change of Dominant Wavelength vs. Ambient Temperature
PACKAGE DIMENSIONS in millimeters
- 8
- 6
- 4
- 2
0
2
4
6
8
10
- 40 - 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
super red
red
amber
yellow
Drawing-No.: 6.541-5069.01-4
Issue: 2; 24.11.14
2.2 ± 0.1
2.05 ± 0.1
0.4 ± 0.1
0.9 ± 0.1
1.4 ± 0.1
Cathode mark
Not indicated tolerances ± 0.2
(1.5)
Area not flat
technical drawings
according to DIN
specifications
Solder resist
Cu.area > 5 mm2
1
Proposed pad layout
(for reference only)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com