Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS234.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS234..
Description  Power Mini SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS234.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS234.. Datasheet HTML 1Page - Vishay Siliconix VLMS234.. Datasheet HTML 2Page - Vishay Siliconix VLMS234.. Datasheet HTML 3Page - Vishay Siliconix VLMS234.. Datasheet HTML 4Page - Vishay Siliconix VLMS234.. Datasheet HTML 5Page - Vishay Siliconix VLMS234.. Datasheet HTML 6Page - Vishay Siliconix VLMS234.. Datasheet HTML 7Page - Vishay Siliconix VLMS234.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMS234.., VLMR234.., VLMK234.., VLMY234..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 07-Mar-17
2
Document Number: 84215
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS234.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 50 mA
VLMS234V2BA
IV
900
1400
2240
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 50 mA
λd
626
630
639
nm
Peak wavelength
IF = 50 mA
λp
-
639
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 50 mA
VF
1.9
2.2
2.8
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMR234.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 50 mA
VLMR234ABCA
IV
1400
2000
3550
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 50 mA
λd
619
625
631
nm
Peak wavelength
IF = 50 mA
λp
-
632
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 50 mA
VF
1.9
2.2
2.8
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMK234.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 50 mA
VLMK234ABCA
IV
1400
2500
3550
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 50 mA
λd
611
616
622
nm
Peak wavelength
IF = 50 mA
λp
-
622
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 50 mA
VF
1.9
2.25
2.8
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY234.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 50 mA
VLMY234ABCA
IV
1400
2000
3550
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 50 mA
λd
583
589
594
nm
Peak wavelength
IF = 50 mA
λp
-
591
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
17
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.9
2.3
2.8
V
Reverse current
VR = 5 V
IR
0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com