Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC2425 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RPC2425
Description  Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RPC2425 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RPC2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers RPC2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.87
(22.1)
.45
(11.4)
1.10
(27.9)
8-32 TERMINAL
(2 PLACES )
1.00
(25.4)
6-32 TERMINAL
(2 PLACES)
1.80
(45.7)
12
OUTPUT
3
4
INPUT
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
GENERAL SPECIFICATIONS
Dielectric Strength, All Terminals to Base
2500 Vrms
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-40 to 125˚C
M ECHANICAL SPECIFICATIONS
Weight: (typical)
3.2oz. (90g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
Screws and Saddle Clamps Furnished, Unmounted
CAUTION
All terminals are
at Line Voltage
Potential.
30
20
10
25
15
5
0
510
20
25
15
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
95
120
25A
1˚C/W
100
110
3˚C/W
NO HEATSINK
60
40
20
0
10
20
40
50
30
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
90
40A
2˚C/W
1˚C/W .5˚C/W
100
110
120
1.5˚C/W
NO HEATSINK
2˚C/W
15
10
5
0
36
12
15
9
20406080
Load Current [Arms]
Max Ambient Temp. [˚C]
15A
4˚C/W
2˚C/W
6˚C/W
NO HEATSINK
112
124
116
120
CURRENT DERATING CURVES
WIRING
DIAGRAM
PERCENTAGE ON vs. INPUT RESISTANCE
100
80
60
40
20
0
RPC1215, RPC1225, RPC1240
RPC4815, RPC4825, RPC4840
50 Hz
60 Hz
100
80
60
40
20
0
0
200
400
600
800
1200
1000
Input Resistance [k
]
0
20
40
60
80
120
100
140
Input Resistance [k
]
RPC2415, RPC2425, RPC2440
100
80
60
40
20
0
0
200
400
600
800
1200
1000
Input Resistance [k
]
50 Hz
60 Hz
50 Hz
60 Hz
PROPORTIONAL
CONTROLLER
12
4
3
~
Variable Resistance
FastFax Document No. 205
SERIES RPC.
Rev. 041902
PAGE 2 OF 2
Series RPC
Solid State Proportional Controller
15-40 Amp, 120/240/480 Vac Output
©2002 CRYDOM CORP, Specifications subject to change without notice.
All dimensions are in inches (millimeters)
Screw Torque Requirements:
6-32 Screws - 10 in. lbs.,
8-32 and 10-32 Screws - 20in. lbs.
(Screws dry without grease.)
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com