Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC2425 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RPC2425
Description  Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RPC2425 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RPC2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers RPC2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Uses Potentiometer for
Economical Pow er Control
• Industry Standard Package
FastFax Document No. 205
SERIES RPC.
Rev. 041902
PAGE 1 OF 2
The RPC series proportional controllers
provide a cost effective method of con-
trolling power in many different appli-
cations such as heaters, universal
motors or incandescent lamps. A cus-
tomer provided potentiometer is all that
is required for control. All modules are
supplied with KS100 protective cover.
Series RPC
Solid State Proportional Controller
15-40 Amp, 120/240/480 Vac Output
8
MODEL
NUMBERS
RPC1215 RPC1225 RPC1240
RPC2415 RPC2425 RPC2440
RPC4815 RPC4825 RPC4840
OUTPUT SPECIFICATIONS ➀
Operating Voltage (47-63 Hz) [Vac]
90-130
90-130
90-130
200-240 200-240 200-240
400-480 400-480 400-480
Max. Load Current ➂ [Arms]
15
25
40
15
25
40
15
25
40
Min. Load Current, [mArms]
70
80
90
70
80
90
70
80
90
Transient Overvoltage [Vpk]
400
400
400
600
600
600
1200
1200
1200
Max. Surge Current, (16.6ms) [Apk]
150
250
625
150
250
625
150
250
625
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case [RθJC]
1.48
1.02
.63
1.48
1.02
.63
1.48
1.02
.63
Maximum I2 t for Fusing, (8.3 msec.) [A2sec]
94
260
1620
94
260
1620
94
260
1620
Max. Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
7
7
7
3
3
3
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]➁
500
500
500
500
500
500
500
500
500
Max. Turn-On Time ➃ [msec]
Max. Turn-Off Time [msec]
Power Factor (Min.) with Max. Load
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
Snubber (Internal)
yes
yes
yes
yes
yes
yes
no
no
no
INPUT SPECIFICATIONS ➀
Resistor, Variable [Ohms] ➃
150K (1W) 150K (1W) 150K (1W)
1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W) 1M (1/2W)
GENERAL NOTES
➀ All parameters at 25˚C unless otherwise specified.
➁ Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
➂ Heat sinking required, for derating curves see page 2.
➃ Potentiometer should be selected with regards to line voltage isolation.
WARNING
Control to load is not isolated, excercise care in handling the
RPC products to avoid the risk of electric shock.
©2002 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - RPC2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
RPC2425 CRYDOM-RPC2425 Datasheet
701Kb / 4P
Proportional controller
RPC2425 CRYDOM-RPC2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - RPC2425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
AO241 ETC1-AO241 Datasheet
23Kb / 1P
1.0-2.0 Amp 120/240 Vac AC Output MINI-SIP
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
10-90Amp 120/240 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
5Amp 120/240, 380, 480 Vac AC Output SIP
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
5-18Amp 120/240, 480 Vac AC Output
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
Up to 25Amp 120/240, 380, 480 Vac AC Output
S218 ETC1-S218 Datasheet
23Kb / 1P
8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
3 Amp 120, 240 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
20Amp 120/240 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
120/240, 480 Vac / AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com